Part Number Hot Search : 
B12NM50 KTC3770 4951A CSNE391 88DE2710 MUR16 MAX3241E 1206L150
Product Description
Full Text Search
 

To Download MC141800A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
LCD Segment / Common Driver with Controller
CMOS
MC141800A is a CMOS LCD Driver which consists of 193 high voltage LCD driving signals to drive 128 Segment and 65 Common display. It has 6800-series parallel, IIC serial interface and Serial Peripheral interface (SPI) capability for operating with general MCU. Besides the general LCD driver features, it has on chip LCD Smart Bias Divider circuit such that minimize external component required in applications. MC141800AT : TAB (Tape Automated Bonding) MCC141800AZ : Gold Bump Die * * * * * * * * * * * * * * * * * * * * * * * Single Supply Operation, 2.4 V - 3.5 V Maximum 16.5V LCD Driving Output Voltage Low Current Stand-by Mode (<1uA) On Chip Internal DC/DC Converter / External Power Supply Smart Bias Divider 4X / 5X DC-DC Converter 8 bit 6800-series Parallel Interface, 1MHz IIC Serial Interface and Serial Peripheral Interface (SPI) On chip Oscillator Graphic Mode Operation On Chip 128 x 65 Display Data RAM Master Clear RAM Low Power Smart Icon Mode (128 icons, <25uA) Display Masks for Implementation of Blinking Effect 2 to 65 Selectable Multiplex Ratio 1:8 / 1:9 Bias Ratio Re-mapping of Row and Column Drivers 16 level Internal Contrast Control External Contrast Control Built-in Temperature Compensation Circuit Selectable Display Waveform : Type B or Type C Waveform 2V Icon Mode Display On Vertical Scrolling Standard TAB Package, Gold Bump Die
MC141800A
MC141800AT TAB
MCC141800AZ Gold bump die
ORDERING INFORMATION MC141800AT TAB MCC141800AZ Gold BumpDie
REV 2 2/98
MOTOROLA
MC141800A 3-257
Block Diagram
Com0 to Com64
Seg0~Seg127
HV Buffer Cell Level Shifter
Level Selector
VLL6 65 Bit Latch OSC1 OSC2 Display Timing Generator VLL2 VCC VR LCD Driving Voltage Generator 4x and 5x DC/DC Converter, Voltage Regulator, Smart Bias Divider, Contrast Control, Temperature Compensation VF C1P C3P
128 Bit Latch
C1N C3N
GDDRAM 65 x 128Bits
AVDD AVSS
Command Decoder
DVSS DVDD Command Interface Parallel / Serial Interface
RES
CE
D/C
S/P
R/W
CLK
D0~D7
MC141800A 3-258
MOTOROLA
DUMMY 236 235 234 233 232 DUMMY COM31 COM30 COM29 COM28 COM27
MOTOROLA
207 206 205 204 203 202 201 200 199 COM2 COM1 COM0 COM64B SEG127 SEG126 SEG125 SEG124 SEG123
DIE
38
39 40 41 42 DUMMY
MC141800AT PIN ASSIGNMENT
Normal Design TAB (COPPER VIEW)
ENCAPSULANT
DVDD S/P RES D/C R/W D7/IIC/SPI D6 D5 D4/Dout D3/Din D2/A2 D1/A1 D0/SDA CLK CE VF VR C1P C1N C2P C2N C3P C3N NC NC VLL2 VLL3 NC NC NC NC VLL4 VLL5 VLL6 OSC1 DVSS NC NC VCC AVSS OSC2 AVDD 142 141 140 139 138 137 78 77 76 75 74 73
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37
SEG66 SEG65 SEG64 SEG63 SEG62 SEG61
SEG2 SEG1 SEG0 COM32 COM33 COM34
COPPER
POLYIMIDE
46 45 44 43
COM61 COM62 COM63 COM64A DUMMY
MC141800A 3-259
COM32 COM33 . . . . . . . . . . . COM53 COM54
SEG0 SEG1 SEG2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . SEG126 SEG127
COM55 COM56 . . COM63 COM64A DVSS DVSS DVSS DVSS DVSS DVSS AVDD OSC2 AVSS VCC VCC DVSS DVSS OSC1 DVSS VLL6 VLL6 VLL5 VLL5 VLL4 VLL4 VLL3 VLL3 VLL2 VLL2 C3N C3P C2N C2P C1N C1P VR VF AVSS AVSS AVDD AVDD DVSS DVSS DVDD DVDD CE CLK CLK D0 D0 D1 D2 D3 D4 D5 D6 D7 R/W DVSS DVSS DVSS DVSS DVSS DVSS DVSS DVSS DVSS DVSS DVSS DVSS DVSS DVSS DVSS DVSS DVSS DVSS DVSS D/C RES S/P DVDD COM31 . . . . . COM22 MC141800A
Gold Bump Size :
Input Pad, 65 x 65 (m) Output Pad, 42 x 100 (m) Alignment Mark:
AREA COORDINATES X 4366.6 4466.6 4466.6 4416.6 Mark A 4366.6 4396.6 4436.6 4436.6 4403.6 4396.6 -4937.6 -4937.6 -4887.6 -4837.6 Mark B -4837.6 -4907.6 -4907.6 -4900.6 -4867.6 -4867.6 Y 44.2 442 -5.8 -55.8 -58.8 14.2 14.2 7.2 -25.8 -25.8 -221.8 -121.8 -121.8 -171.8 -221.8 -191.8 -151.8 -151.8 -184.8 -191.8
Mark A
Die Pad Layout for MC141800A (Gold Bumps face up)
M
Reserved Area:
AREA COORDINATES X -3747.1 C -3747.1 -3852.1 -3852.1 Y -533.9 -638.9 -638.9 -533.9
Dimensions in m
Note: 1. Reserved area contains dummy bumps for IC bumping process alignment and IC identifications. 2. No conductive tracks should be laid underneath reserved area to avoid short circuit.
AREA C
Mark B
X Y
COM64B COM0 . . . . . . . . . . . COM20 COM21
MC141800A 3-260
MOTOROLA
MAXIMUM RATINGS* (Voltages Referenced to VSS, TA=25C)
Symbol AVDD,DVDD VCC Vin I TA Tstg Input Voltage Current Drain Per Pin Excluding VDD and VSS Operating Temperature Storage Temperature Range Supply Voltage Parameter Value -0.3 to +4.0 VSS-0.3 to VSS+16.5 VSS-0.3 to VDD+0.3 25 -30 to +85 -65 to +150 Unit V V V mA C C
* Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the limits in the Electrical Characteristics tables or Pin Description section. VSS = AVSS = DVSS (DVSS = VSS of Digital and DC/DC circuit, AVSS = VSS of Analogue Circuit) VDD = AVDD = DVDD (DVDD = VDD of Digital and DC/DC circuit, AVDD = VDD of Analogue Circuit)
This device contains circuitry to protect the inputs against damage due to high static voltages or electric fields; however, it is advised that normal precautions to be taken to avoid application of any voltage higher than maximum rated voltages to this high impedance circuit. For proper operation it is recommended that Vin and Vout be constrained to the range VSS < or = (Vin or Vout) < or = VDD. Reliability of operation is enhanced if unused input are connected to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open. This device may be light sensitive. Caution should be taken to avoid exposure of this device to any light source during normal operation. This device is not radiation protected.
ELECTRICAL CHARACTERISTICS (Voltage Referenced to VSS, VDD=2.4 to 3.5V, TA=25C)
Symbol DVDD AVDD IAC Parameter Logic and DC/DC Circuit Supply Voltage Range Other Analog Circuit Supply Voltage Range Access Mode Supply Current Drain (AVDD + DVDD Pins) Test Condition (Absolute value referenced to VSS) VDD=3.0V, Internal DC/DC Converter On, 5X DC/DC Converter Enabled, R/W accessing, Tcyc=1MHz, Osc. Freq.=50KHz, Display On. VDD=3.0V, Internal DC/DC Converter On, 5X Converter Enabled, R/W Halt, Osc. Freq.=50KHz, Display On. VDD=3.0V, Internal DC/DC Converter On, 4X Converter Enabled, R/W Halt, Osc. Freq.=55KHz, Display On, Set 48Mux, 1:8 bias VDD=3.0V, Display off, Oscillator Disabled, R/W halt. Min 2.4 2.4 Typ 3.0 700 Max 3.5 3.5 800 Unit V V A
IDP1
Display Mode Supply Current Drain (AVDD + DVDD Pins)
-
530
650
A
IDP2
Display Mode Supply Current Drain (AVDD + DVDD Pins)
-
300
400
A
ISB
Standby Mode Supply Current Drain (AVDD + DVDD Pins) Icon Mode Supply Current Drain (AVDD + DVDD Pins) LCD Driving Internal DC/DC Converter Output (VCC Pin) LCD Driving Voltage Input (VCC Pin) Low Power Icon mode Voltage Output High Voltage (D0-D7, OSC2) Output Low Voltage (D0-D7, OSC2) LCD Driving Voltage Source (VR Pin)
-
200
400
nA
IICON VCC
VDD=3.0V, Internal Oscillator, Oscillator Enabled, Display On, Icon On, R/W halt, Freq.=50KHz. Display On, DC/DC Converter Enabled, Osc. Freq.= 50KHz, Internal Regulator Enabled, Divider Enabled. Internal DC/DC Converter Disabled. Iout=100A Iout=100A
7
10 15
20 16.5
A V
VLCD VICON VOH1
7 0.9*VDD
15 2 -
16.5 VDD
V V V
VOL1
0
-
0.1*VDD
V
VR1
Internal Regulator Enabled (VR voltage depends on Int/Ext Contrast Control ) Internal Regulator Disable.
0
-
VCC-0.5
V
VR2
LCD Driving Voltage Source (VR Pin)
-
Floating
-
V
Note : All above parameter is tested under NO LOADING condition. For detailed testing condition, please refer to the Testing Condition figure on P.31.
MOTOROLA
MC141800A 3-261
ELECTRICAL CHARACTERISTICS (Voltage Referenced to VSS, VDD=2.4 to 3.5V, TA=25C)
Symbol VIH1 Parameter Input high voltage (RES, OSC2, CLK, CE, D0-D7,R/W, D/C, S/P, OSC1) Input Low voltage (RES, OSC2, CLK, CE, D0-D7, R/W, D/C, S/P, OSC1) LCD Display Voltage Output (VLL6, VLL5, VLL4, VLL3, VLL2 Pins) Smart Bias Divider Enabled, 1:9 bias ratio Test Condition Min 0.8*VDD Typ Max VDD Unit V
VIL1
0
-
0.2*VDD
V
VLL6 VLL5 VLL4 VLL3 VLL2 VLL6 VLL5 VLL4 VLL3 VLL2 VLL6 VLL5 VLL4 VLL3 VLL2 IOH
7 0 0 0 0 50
VR 8/9*VR 7/9*VR 2/9*VR 1/9*VR VR 7/8*VR 6/8*VR 2/8*VR 1/8*VR -
VCC VLL6 VLL5 VLL4 VLL3 -
V V V V V V V V V V V V V V V A A A A
LCD Display Voltage Output (VLL6, VLL5, VLL4, VLL3, VLL2 Pins)
Smart Bias Divider Enabled, 1:8 bias ratio
LCD Display Voltage Input (VLL6, VLL5, VLL4, VLL3, VLL2 Pins)
External Voltage Generator, Smart Bias Divider Disable
Output High Current Source (D0-D7, OSC2) Output Low Current Drain (D0-D7, OSC2) Output Tri-state Current Drain Source (D0-D7, OSC2) Input Current (RES, OSC2, CLK, D0-D7, R/W, D/C , S/P, OSC1) Input Capacitance (OSC1, OSC2, all logic pins) Internal Contrast Control (VR Output Voltage)
Vout=VDD-0.4V
IOL
Vout=0.4V
-
-
-50
IOZ IIL/IIH
-1 -1
-
1 1
CIN VCN
Internal Regulator Enabled, Internal Contrast control Enabled. (16 Voltage Levels Controlled by Software. Each level is typically 1.5% of the Internal Regulator Output Voltage. ) (TC1=0, TC2=0, Internal Regulator Disabled.) (TC1=0, TC2=1, Internal Regulator Enabled.) (TC1=1, TC2=0, Internal Regulator Enabled.) (TC1=1, TC2=1, Internal Regulator Enabled.) -
5 12
7.5 -
pF %
PTC0 PTC1 PTC2 PTC3
Temperature Coefficient Compensation Flat Temperature Coefficient Temperature Coefficient 1* Temperature Coefficient 2* Temperature Coefficient 3*
-
0.0 -0.18 -0.22 -0.35
-
% % % %
* The formula for the temperature coefficient is:
TC(%)=
VR at 50C - VR at 0C 50C - 0C
X
1 X100% VR at 25C
MC141800A 3-262
MOTOROLA
AC ELECTRICAL CHARACTERISTICS (TA=25C, Voltage referenced to VSS, AVDD=DVDD=3V)
Symbol FOSC Parameter Oscillation Frequency of Display timing generator Frame Frequency Test Condition 60Hz Frame Frequency Either External Clock Input or Internal Oscillator Enabled Graphic Display Mode, Normal Frequency Mode, 65 - 50 MUX Graphic Display Mode, Half Frequency Mode, 65 - 50 MUX Graphic Display Mode, Normal Frequency Mode, 49 - 34 MUX Graphic Display Mode, Half Frequency Mode, 49 - 34 MUX Graphic Display Mode, Normal Frequency Mode, 33 - 2 MUX Graphic Display Mode, Half Frequency Mode, 33 -2 MUX 6-Phase Low Power Icon Mode, Normal Frequency Mode 6-Phase Low Power Icon Mode, Half Frequency Mode 4-Phase Low Power Icon Mode, Normal Frequency Mode 4-Phase Low Power Icon Mode, Half Frequency Mode OSC Internal Oscillation Frequency with different Internal Oscillator Enabled, VDD within operation range value of feedback resistor Min 45 Typ 55 Max 60 Unit KHz
FFRM
-
FOSC 15 * MUX FOSC 30 * MUX FOSC 23 * MUX FOSC 46 * MUX FOSC 30 * MUX FOSC 60 * MUX FOSC 960 FOSC 1920 FOSC 1024 FOSC 2048
-
Hz
-
-
Hz
-
-
Hz
-
-
Hz
-
-
Hz
-
-
Hz
-
-
Hz
-
-
Hz
-
-
Hz
-
-
Hz
See Figure 1 for the relationship
400k 350k 250k 200k Oscillation Frequency (Hz) 150k 100k 50k 100k 500k 1.0M 1.5M 2.0M Resistor Value between OSC1 and OSC2 () Figure 1. Internal Oscillator Frequency Relationship with External Resistor Value
MOTOROLA
MC141800A 3-263
TABLE 3. Parallel Timing Characteristics (TA=-30 to 85C, DVDD=2.4 to 3.5V, VSS=0V)
Symbol tcycle tAS tAH tDSW tDHW tDSR tDHR tACC PWEL PWEH tR tF Clock Cycle Time Address Setup Time Address Hold Time Write Data Setup Time Write Data Hold Time Read Data Setup Time Read Data Hold Time Access Time Enable Low Pulse Width Enable High Pulse Width Rise Time Fall Time Parameter Min 1000 90 60 210 75 250 75 390 390 Typ Max 250 45 45 Unit ns ns ns ns ns ns ns ns ns ns ns ns
R/W
D/C
CE
tAS tcycle
tAH
CLK tR D0-D7 (Write data to driver) PWEH tF tDHW Valid Data tDSW tDSR Valid Data
PWEL
tACC D0-D7 (Read data from driver)
tDHR
Figure 2. Parallel 6800-series Interface Timing Characteristics
MC141800A 3-264
MOTOROLA
TABLE 4. IIC Serial Timing Characteristics (TA=-30 to 85C, DVDD=2.4 to 3.5V, VSS=0V)
100kHz Symbol tcycle tHSTART tHD tSD tSSTART tSSTOP tR tF tIDLE Parameter Clock Cycle Time Start condition Hold Time Data Hold Time Data Setup Time Start condition Setup Time (Only relevant for a repeated Start condition) Stop condition Setup Time Rise Time for data and clock pin Fall Time for data and clock pin Idle Time before a new transmission can start Min 10 4.0 500 250 4.7 4.0 4.7 Typ Max 1000 300 Min 2.5 0.6 300 100 0.6 0.6 1.3 400kHz Typ Max 300 300 Min 1 0.3 150 50 0.3 0.3 0.6 1MHz Typ Max 150 150 Unit s s ns ns s s ns ns s
SDA
(( ))
(( ))
tHD tHSTART CLK tcycle tR tF tSD
tIDLE tSSTART tSSTOP
Figure 3. IIC Serial Interface Timing Characteristics
MOTOROLA
MC141800A 3-265
MC141800A 3-266 MOTOROLA
SDA (From controller)
(( ))
(( ))
(( ))
(( ))
SDA (From Driver)
CLK
S
1
2
3
4
5
6
7
8
9
(( ))
1-8 DATA
9
(( ))
P
START CONDITION ADDRESS
A2
A1
D/C (A0)
R/W
ACK
ACK
ACK
STOP CONDITION
Figure 4. IIC Serial Interface Input Protocol (Write Data to Driver)
SDA (From controller)
(( ))
(( ))
(( ))
(( ))
SDA (From Driver)
CLK
S
1
2
3
4
5
6
7
8
9
(( ))
1-8 DATA
9
(( ))
P
START CONDITION ADDRESS
A2
A1
D/C (A0)
R/W
ACK
ACK
ACK
STOP CONDITION
Figure 5. IIC Serial Interface Output Protocol (Read Data from Driver)
TABLE 5. SPI Timing Characteristics (TA=-30 to 85C, DVDD=2.4 to 3.5V, VSS=0V)
Symbol tcycle tLEAD tLAG tDSW tDHW tDVR tDHR tACC tDIS tCLKL tCLKH tR tF Clock Cycle Time Enable Lead Time Enable Lag Time Write Data Setup Time Write Data Hold Time Read Data Valid Time Read Data Hold Time Access Time Disable Time Clock Low Time Clock High Time Rise Time Fall Time Parameter Min 1000 500 500 100 100 10 380 380 Typ Max 240 120 240 100 100 Unit ns ns ns ns ns ns ns ns ns ns ns ns ns
tLEAD tcyc CLK tCLKH tCLKL tDVR Dout tACC MSB
tF
tDSW MSB
tDHW
(( )) (( ))
Din
Figure 6. SPI Timing Characteristics
MOTOROLA
(( ))
(( ))
(( ))
(( ))
CE
tR
tLAG
LSB
tDHR LSB
tDIS
MC141800A 3-267
PIN DESCRIPTIONS
S/P (Serial / Parallel Interface) This pin is an input pin. The pin is sampled out when reset to determine what type of interface is desired. The S/P pin input HIGH for serial interface while input LOW for parallel interface. D/C (Data / Command) If parallel interface is selected, this input pin acknowledges the LCD driver the input at D0-D7 is data or command. Input High for data while input Low for command. If serial interface is selected, float this pin. CLK (Input Clock) This pin is normal Low clock input. If parallel interface is selected, data on D0-D7 are latched at the falling edge of CLK. If IIC serial interface is selected, data on SDA is latched at the falling edge of CLK. If SPI is selected, data on Din and Dout are latched at the falling edge of CLK. RES (Reset) A Low input pulse to this pin resets the internal status of the driver (same as power on reset). The minimum pulse width is 10 s. CE (Chip Enable) If parallel interface is selected, this input pin is used for chip enable. If IIC serial interface is selected, leave this pin float and it will be internally tied to VDD. D0 - D7 (Data) This bi-directional bus is used for data / command transferring. If parallel interface is selected, D0 - D7 are connected directly to MCU for data transfer. When serial interface is selected, D7 (IIC/SPI) is an input pin to determine which type of serial interface is desired. The IIC/SPI pin HIGH indicates IIC interface is used. The IIC/SPI pin LOW indicates SPI is used. When IIC serial interface is selected, D0 (SDA) is connected directly to MCU for data transfer, D1 (A1) and D2 (A2) are used to define the 2 bit programmable address. The address of this device is 0111xyab where x, y, a, b represent A2, A1, D/C and R/W respectively. When SPI is selected, D3 (Din) is used to write data / command from MCU to driver and D4 (Dout) is used to read data / command to MCU from driver. Note that if the serial interface is used, float other data pins. R/W (Read / Write) If parallel interface is selected, this is an input pin. To read the display data RAM or the internal status (Busy / Idle), pull this pin High. The R/W input Low indicates a write operation to the display data RAM or to the internal setup registers. If serial interface is selected, let this pin float. OSC1 (Oscillator Input) For internal oscillator mode, this is an input for the internal low power RC oscillator circuit. In this mode, an external resistor of certain value should be connected between the OSC1 and OSC2 pins for a range of internal operating frequencies (refer to Figure 1). For external oscillator mode, OSC1 should be left open. OSC2 (Oscillator Output / External Oscillator Input) For internal oscillator mode, this is an output for the internal low power RC oscillator circuit. For external oscillator mode, OSC2 will be an input pin for external clock and no external resistor is needed. VLL6 - VLL2 Group of voltage level pins for driving the LCD panel. They can either be connected to external driving circuit for external bias supply or connected internally to built-in divider circuit if internal divider is enable. C1N and C1P, C2N and C2P, C3N and C3P If Internal DC/DC Converter is enabled, a capacitor is required to connect these three pair of pins. VR and VF This is a feedback path for the gain control (external contrast control) of VLL1 to VLL6. For adjusting the LCD driving voltage, it requires a feedback resistor placed between VR and VF, a gain control resistor placed between VF and AVSS, a 10 F capacitor placed between VR and AVSS. (Refer to the Application Circuit) COM0-COM63, COM64A and COM64B (Row Drivers) These pins provide the row driving signal to LCD panel. Output is 0V during display off. COM64A and COM64B are icon lines with same signal output so as to provide the flexability to have the icon line on top or bottom of panel, or both top and bottom of the panel. COM64A/B also serves as the common driving signal in the icon mode. COM64A/B is special design icon line (128 icons). There are some special commands to program it separately (e.g. Set Icon Mask, Smart Icon Mode, Low Power Icon Mode) SEG0-SEG127 (Column Drivers) These 128 pins provide LCD column driving signal to LCD panel. They output 0V during display off. AVDD and AVSS AVDD is the positive supply to the LCD driver analog circuit. AVSS is ground. AVDD and DVDD should be at the same level. VCC For using the Internal DC/DC Converter, a 0.1 F capacitor from this pin to AVSS is required. It can also be an external bias input pin if Internal DC/DC Converter is not used. Power is supplied to the LCD Driving Level Selector and HV Buffer Cell with this pin. Normally, this pin is not intended to be a power supply to other component. DVDD and DVSS DVDD is supplied to the digital control and DC/DC circuit of the driver using these two pins. DVSS is ground. AVDD and DVDD should be at the same level.
MC141800A 3-268
MOTOROLA
OPERATION OF LIQUID CRYSTAL DISPLAY DRIVER Description of Block Diagram Module
Command Decoder and Command Interface This module determines whether the input data is interpreted as data or command. Data is directed to this module based upon the input of the D/C pin. If D/C high, data is written to Graphic Display Data RAM (GDDRAM). D/C low indicates that the input at D0-D7 is interpreted as a Command. Reset is of same function as Power ON Reset (POR). Once RES received the reset pulse, all internal circuitry will back to its initial status. Refer to Command Description section for more information. MPU Parallel 6800-series Interface The parallel interface consists of 8 bi-directional data pins (D0D7), R/W, D/C, CE and the CLK. The R/W input High indicates a read operation from the Graphic Display Data RAM (GDDRAM). R/ W input Low indicates a write operation to Display Data RAM or Internal Command Registers depending on the status of D/C input. The CLK input serves as data latch signal (clock). Refer to AC operation conditions and characteristics section for Parallel Interface Timing Description. MPU Serial Peripheral Interface The SPI consists of 4 communication bus : data input pin Din, data output pin Dout, clock pin CLK and chip enable pin CE. The CLK input serves as data latch signal (clock). Data is transferred serially with most significant bit first, least significant bit last. During the communication, the controller must input Low CE before data transactions and must stay low for the rest of the transaction. By default, the LCD driver will receive command from MCU. If messages on the data pin are data rather than command, MCU should send Data Direction command (0100100X0) to control the data direction and then one more command to define the number of data bytes will be read / write. After these two continuous commands are send, the following messages will be data rather than command. For read operation (X0 = 1), MCU reads a group of data from LCD driver through Dout pin. For write opearion (X0 = 0), MCU writes a group of data to the LCD driver through Din pin. Refer to AC operation conditions and characteristics section for Serial Peripheral Interface Timing Description.
MPU Serial IIC Interface The IIC interface consists of two communication bus : data pin SDA and clock pin CLK. The CLK input serves as data latch signal (clock). Before communication begins, a start condition must be setup on the bus by the controller. To establish a start condition, the controller must pull the data pin low while the clock pin is high. After the start condition has been established for tHSTART, an eight-bit address should be sent. The six most significant bits of the address (0111xy) are used to uniquely define devices on the bus, the 7th bit is used as a data / command control: if it is 0, then the signal on SDA is interpreted as a command; if it is 1, then data SDA is written to GDDRAM. The least significant bit is a data direction read / write control; if it is 0, then the controller writes data / command to the driver; if it is 1, then the controller reads data / command from LCD driver. Data is transferred with the most significant bit first. Each byte has to be followed by an acknowledge bit. The transmitter releases the SDA high during the acknowledge clock pulse. The receiver has to pull down the SDA during the acknowledge clock pulse. To end communication, a stop condition should be set up on the bus. A low to high transition of data pin while the clock pin is high defines a stop condition. However, if a master still wishes to communicate on the bus, another start condition and address can be generated without a stop condition. Refer to AC operation conditions and characteristics section for IIC Serial Interface Timing Description.
MOTOROLA
MC141800A 3-269
Column address 00H
Column address 7FH
Row 0
LSB
Com0 (Com63)
Page 1
MSB LSB
Page 2 MSB
LSB
Page 8 MSB
Row 63 Row 64 LSB Page 9
Com63 (Com0) Com64 (icon) Seg127
Note : The configuration in parentheses represent the remapping of Rows and Columns in 65 MUX mode
Seg0
Figure 7. Graphic Display Data RAM (GDDRAM) Address Map
MC141800A 3-270
MOTOROLA
Graphic Display Data RAM (GDDRAM) The GDDRAM is a bit mapped static RAM holding the bit pattern to be displayed. The size of the RAM is determined by number of row times the number of column (128x65 = 8320 bits). Figure 7 is a description of the GDDRAM address map. For mechanical flexibility, re-mapping on both Segment and Common outputs are provided.
Display Timing Generator This module is an on chip low power RC oscillator circuitry (Figure 8). The oscillator frequency can be selected in the range of 15kHz to 250kHz by external resistor. One can enable the circuitry by software command. For external clock provided, feed the clock to OSC2 and leave OSC1 open.
Internal Oscillator selected enable1 enable2 Oscillation Circuit enable Buffer
Oscillator enable
MC141800A OSC1 OSC2 External component
Feedback for internal oscillator For external CLK input
Figure 8. Oscillator Circuitry
LCD Driving Voltage Generator and Internal Regulator This module generates the LCD voltage needed for display output. It takes a single supply input and generate necessary bias voltages. It consists of : 1. 4X and 5X DC-DC Converter To generate the Vcc voltage. 4X DC-DC converter is used for LCD panel which needs lower driving voltage for less power consumption. 5X DC-DC converter is used for LCD panel which needs higher driving voltage. 2. Internal Regulator Feedback gain control for initial LCD voltage. it can also be used with external contrast control. 3. Smart Bias Divider Divide the LCD display voltage (VLL2-VLL6) from the Internal Regulator output. This is a low power consumption circuit which can save the most display current compare with traditional resistor ladder method. 4. Contrast Control Block Software control of 16 voltage levels of LCD voltage. All blocks can be individually turned off if external voltage generator is employed 5. Bias Ratio Selection circuitry Software control of 1/8 and 1/9 bias ratio to match the characteristic of LCD panel. 6. Self adjust temperature compensation circuitry Provide 4 different compensation grade selections to satisfy the various liquid crystal temperature grades. The grading can be selected by software control. 65 Bit Latch / 128 Bit Latch A register carries the display signal information. First 65 bits are Common driving signals and other 128 bits are Segment driving signals. Data will be input to the HV-buffer Cell for bumping up to the required level. Level Selector Level Selector is a control of the display synchronization. Display voltage can be separated into two sets and used with different cycles. Synchronization is important since it selects the required LCD voltage level to the HV Buffer Cell for output signal voltage pump. HV Buffer Cell (Level Shifter) HV Buffer Cell works as a level shifter which translates the low voltage output signal to the required driving voltage. The output is shifted out with an internal FRM clock which comes from the Display Timing Generator. The voltage levels are given by the level selector which is synchronized with the internal M signal.
LCD Panel Driving Waveform
The following is an example of how the Common and Segment drivers may be connected to a LCD panel. The waveforms shown in Figure 9a, 9b and 9c illustrate the desired multiplex scheme. In order to reduce the crosstalk effect, invert the polarities of the pixel-driving waveforms every 2 or 4 or 8 or 65 lines according to the selected waveforms. In the power-up state, the default waveform will be type "B". COM0 COM1 COM2 COM3 COM4 COM5 COM6 COM7 SEG0 SEG1 SEG2 SEG3 SEG4
Figure 9a. LCD Display Example "0"
MOTOROLA
MC141800A 3-271
TIME SLOT
123456789 ... 65 1 2 3 4 5 6 7 8 9 ... 65 1 2 3 4 5 6 7 8 9 ... 65 1 2 3 4 5 6 7 8 9 ... 65
VLL6 VLL5 COM0 VLL4 VLL3 VLL2 VLL1
VLL6 VLL5 COM1 VLL4 VLL3 VLL2 VLL1
VLL6 VLL5 SEG0 VLL4 VLL3 VLL2 VLL1
VLL6 VLL5 SEG1 VLL4 VLL3 VLL2 VLL1 M
Figure 9b. LCD Driving Signal from MC141800A (Waveform B)
MC141800A 3-272
MOTOROLA
TIME SLOT
123456789 ... 65 1 2 3 4 5 6 7 8 9 ... 65 1 2 3 4 5 6 7 8 9 ... 65 1 2 3 4 5 6 7 8 9 ... 65 Polarities inverted every 2 lines
VLL6 VLL5 VLL4 VLL3 VLL2 VLL1 VLL6 VLL5 VLL4 VLL3 VLL2 VLL1 VLL6 VLL5 VLL4 VLL3 VLL2 VLL1 VLL6 VLL5 VLL4 VLL3 VLL2 VLL1
COM0
Polarities inverted every 2 lines
COM1
SEG0
SEG1
M
...
...
...
...
Figure 9c. LCD Driving Signal from MC141800A (Waveform C with polarity inversion every 2 lines)
MOTOROLA
MC141800A 3-273
Command Description
Set Display On / Off (Display Mode / Stand-by Mode) The Display On command turns the LCD Common and Segment outputs on. This command starts the conversion of data in GDDRAM to necessary waveforms on the Common and Segment driving outputs. The on-chip bias generator is also turned on by this command. (Note : "Oscillator On" should be sent before "Display On".) The Display Off command turn the display off and the states of the LCD driver are as follow during display off : 1. All the Common and Segment outputs are fixed at VLL1 (VSS). 2. The bias Internal DC/DC Converter is turned off. 3. The RAM and content of all registers are retained. 4. IC will accept new commands and data. The Oscillator is not affected by this command. Set GDDRAM Column Address This command positions the address pointer on a column location. The address can be set to location 00H-7FH (128 columns). The column address will be increased automatically after a read or write operation. Refer to "Address Increment Table" and command "Set GDDRAM Page Address" for further information. Set GDDRAM Page Address This command positions the row address to 1 of 9 possible positions in GDDRAM. Refer to figure 7. Master Clear GDDRAM This command is to clear the content of the Display Data RAM to zero. Issue this command followed by a dummy write command. The RAM for icon line will not be affected by this command. Master Clear Icon This command is a MASTER clear of the Icon Data RAM. After setting the page pointer to icon page (page 9), the internal icon RAM data will be set to Zero after the command is issued. Before using this command, set the page address to page 9 by the command "Set GDDRAM Page Address". A dummy write data is also needed after the "Master Clear Icon" command to make the clear icon action effective. Set Page Mask (Display Mask) The following command will be written to the Page Mask Register. Page Mask is an 8-bit register. Each bit represents one of the 8 pages : page mask bit 0 represents Page 1, page mask bit 1 represents Page 2,...etc. Page Mask When the Page Mask is enabled, the display of those pages, with page mask bit set, will be cleared. Meanwhile, the data in the display RAM is retained. Icon Mask When the Icon Mask is enabled, the display of the icons will be cleared. Meanwhile, the data in the icon display RAM is retained. Set Display Mode This command switch the driver to full display mode or icon display mode. In low power icon mode, only icons (driven by COM64) are displayed. Display on row 0 to row 63 will be disabled. The DC-DC converter and the Internal Regulator are off. All VCC, VLLs pins do not have external bias voltage supply in the low power icon mode. In normal display mode, COM0 to COM64 will be turned on. Set Vertical Scroll Value This command is used to scroll the screen vertically with scroll value 0 to 63. With scroll value equals to 0, Row 0 of GDDRAM is mapped to Com0 and Row 1 through Row 63 are mapped to Com1 through Com63 respectively. With scroll value equal to 1, Row 1 of GDDRAM is mapped to Com0, then Row 2 through Row 63 will be mapped to Com1 through Com62 respectively and Row 0 will be mapped to Com63. Com64 is not affected by this command. This command need a following Command word define the scrolling value. Set Display Frequency In half display frequency mode, the display frame frequency will be halved. Also, the operation frequency of analog circuitries will be halved for power saving purpose. Save / Restore Column Address Save Column Address command saves a copy of the Column Address of GDDRAM. Restore Column Address command restores the copy obtained from the previous execution of saving column address. This instruction is very useful for writing full graphics characters that are larger than 8 pixels vertically. Set Column Mapping This instruction selects the mapping of Display Data RAM to Segment drivers for mechanical flexibility. There are 2 mappings to select: 1. Column 0 - Column 127 of GDDRAM mapped to Seg0-Seg127 respectively; 2. Column 0 - Column 127 of GDDRAM mapped to Seg127-Seg0 respectively. COM64 will not be affected by this command. Detail information please refer to section "Display Output Description". Set Row Mapping This instruction selects the mapping of Display Data RAM to Common Drivers for mechanical flexibility. There are 2 selected mappings: 1. Row 0 - Row x of GDDRAM to Common 0 - Common x respectively; 2. Row 0 - Row x of GDDRAM to Common x - Common 0 respectively. (x+2 is the multiplex ratio) COM64 will not be affected by this command. See section "Display Output Description" for related information. Set MUX Ratio This command is to select any a ratio from 2 to 65. Row 64 (icon line) is not affected by this command and it would be turned on for normal display. This command contain two commands bytes, the first byte inform the driver that the second byte will be the no. of mux ratio. e.g. second byte = 0H to turn on Row 0 and 64 (2 MUX) second byte = 63H to turn on Row 0 to 64 (65 MUX) The unused common pins output non-scanning signals. Set Bias Ratio This command sets the 1/8 bias or 1/9 bias for the divider output. The selection should match the characteristic of LCD Panel. Set Oscillator Disable / Enable This command is used to either turn on / off Oscillator. For using internal or external oscillator, this command should be executed. The setting for this command is not affected by command "Set Display On/ Off". See command "Ext/Int Oscillator" for more information. Set Internal / External Oscillator This command is used to select either internal or external oscillator. When internal oscillator is selected, feedback resistor between OSC1 and OSC2 is needed. For external oscillation circuit, feed clock input signal to OSC2 and leave OSC1 open.
MC141800A 3-274
MOTOROLA
Set Internal DC/DC Converter Enable Use this command to select the Internal DC/DC Converter to generate the VCC from AVDD. Disable the Internal DC/DC Converter if external Vcc is provided. Set 4X / 5X DC/DC Converter This command selects the usage of 4X or 5X Converter when the Internal DC/DC Converter is enabled. Set Temperature Coefficient A temperature gradient selector circuit controlled by two control bits TC1 and TC2. This command can select 4 different LCD driving voltage temperature coefficients to match various liquid crystal temperature grades. Set Internal Regulator On/Off Choose bit option 0 to disable the on chip Internal Regulator. Choose bit option 1 to enables Internal Regulator which consists of the internal contrast control circuits. Set Smart Bias Divider On/Off If the Smart Bias Divider is disabled, external bias can be used for VLL6 to VLL2. If the Smart Bias Divider is enabled, the internal circuit will generated the 1:8 or 1:9 bias driving voltage. Set Internal Contrast Control Enable This command is used to adjust the delta voltage of the bias voltages. With bit option = 1, the software selection for delta bias voltage control is enabled. With bit option = 0, internal contrast control is disabled.
End of Command This command is used as extra write end command follows the last byte of data / command written. This command is not available if serial mode is selected. Increase / Decrease Contrast Level If the internal contrast control is enabled, this command is used to increase or decrease the contrast level within the 16 contrast levels. The contrast level starts from lowest value after POR. Set Contrast Level This command is to select one of the 16 contrast levels when internal contrast control circuitry is in use. After power-on reset, the contrast level is lowest. Set Smart Icon Mode This command is to set 4-Phase or 6-Phase smart icon modes which for lower VDD or higher Von of panel. Refer to Smart Icon Mode Output Description for detail. Set Display Waveform Type This command will select the number of lines for the polarity inversion of the driving waveform. Four types of waveform types are available. Refer to Figure 9. Set Data Direction This command is used in SPI mode only. It will be two continuous commands, the first byte control the data direction and inform the LCD driver the second byte will be number of data bytes will be read / write. After these two commands sending out, the following messages will be data.
COMMAND TABLE
Bit Pattern 0000X3X2X1X0 Command Set GDDRAM Page Address Comment Set GDDRAM Page Address using X3X2X1X0 as address bits. X3X2X1X0=0000 : page 1 (POR) X3X2X1X0=0001 : page 2 X3X2X1X0=0010 : page 3 X3X2X1X0=0011 : page 4 X3X2X1X0=0100 : page 5 X3X2X1X0=0101 : page 6 X3X2X1X0=0110 : page 7 X3X2X1X0=0111 : page 8 X3X2X1X0=1000 : page 9 With R/W pin input low, set one of the 16 available values to the internal contrast register, using X3X2X1X0 as data bits. The contrast register is reset to 0000 during POR. X0=0: enable 4X Converter (POR) X0=1: enable 5X Converter X0=0: Col0 to Seg0 (POR) X0=1: Col0 to Seg127 X0=0: Row0 to Com0 (POR) X0=1: Row0 to Com63 X0=0: display off (POR) X0=1: display on X0=0: Internal DC/DC Converter Off (POR) X0=1: Internal DC/DC Converter On X0=0: Internal Regulator Off(POR) X0=1: Internal Regulator On X0=0: Smart Bias Divider Off (POR) X0=1: Smart Bias Divider On When an external bias network is preferred, the Smart Bias Divider should be disabled.
0001X3X2X1X0
Set Contrast Level
0010000X0 0010001X0 0010010X0 0010100X0 0010101X0 0010110X0 0010111X0
Set 4X / 5X DC-DC Converter Set Segment Mapping Set Common Mapping Set Display on/off Set Internal DC/DC Converter On/Off Set Internal Regulator On/Off Set Smart Bias Divider On/Off
MOTOROLA
MC141800A 3-275
COMMAND TABLE
Bit Pattern 0011000X0 Command Set Internal Contrast Control On/Off Comment X0=0: Internal Contrast Control Off(POR) X0=1: Internal Contrast Control On Internal contrast circuits can be disabled if external contrast circuits is preferred. X0=0 : normal display frequency (POR) X0=1 : half display frequency X0=0 : restore address X0=1 : save address Master clear GDDRAM (64 x 128 bits), row 64 (icon line) will not be cleared Master Clear of Icons X0=0 : bias = 1 : 9 (POR) X0=1 : bias = 1 : 8 X0=0 : Normal Operation (POR) X0=1 : Test Mode 1 Select (Note : Make sure to set X0=0 during application) Write commnd to identify end of data frame X0=0 : low power icon display mode X0=1 : normal display mode (POR) next command will define no. of MUX, 00X5X4X3X2X1X0 no. of mux=00111111 upon POR (65 MUX) next command will be written to page mask register page mask register=0 upon POR Next Command word defines the scrolling value (Scroll=0 at POR) X0=0 : disable page mask (POR) X0=1 : enable page mask X0=0 : disable icon mask (POR) X0=1 : enable icon mask X0=0 : Write Data (POR) X0=1 : Read Data next command will define the total number of data bytes will be read / write e.g. no. of data bytes = 01111111 for 128 bytes X0=0 : Select Switch Resistor as HV divider (POR) X0=1 : Select Buffer as HV dividier X0=0 : Select 1.5kohm in switch resistor divider (POR) X0=1 : Select 1kohm in switch resistor divider next command will define Smart Divider value, 000X4X3X2X1X0 X0=0 : Use diode approach for temperature compensation (POR) X0=1 : Use band gap technique for temperature compensation X1X0=00 : Waveform Type B (POR) X1X0=01 : Waveform Type C with polarity inversion every 8 lines X1X0=10 : Waveform Type C with polarity inversion every 4 lines X1X0=11 : Waveform Type C with polarity inversion every 2 lines X0=1 : 4-Phase Smart Icon X0=0 : 6-Phase Smart Icon (POR) X1X0=00 : 0.00% (POR) X1X0=01 : -0.18% X1X0=10 : -0.22% X1X0=11 : -0.35% X0=0: Decrease by one level X0=1: Increase by one level (Note: increment/decrement wraps round among the 16 contrast levels. Start at the lowest level when POR.
0011001X0 0011010X0 00110110 00110111 0011100X0 0011101X0
Set Display Frequency Save/Restore GDDRAM Column Address Master Clear GDDRAM Master Clear Icons Set Bias Ratio Reserved
00111100 0011111X0 01000000 01000001 01000010 0100010X0 0100011X0 0100100X0
End of Command Set Display Mode Set Multiplex Ratio Set Page Mask Set Vertical Scrolling Value Page Mask Icon Mask Set Data Direction (for SPI mode only)
0100101X0 0100110X0 01010100 0101001X0 011001X1X0
Reserved Reserved Reserved Reserved Set Display Waveform Type
0110100X0 011011X1X0
Set Smart Icon Mode Set Temperature Coefficient
0111000X0
Increase / Decrease Contrast Level
MC141800A 3-276
MOTOROLA
COMMAND TABLE
Bit Pattern 0111011X0 Command Reserved Comment X0=0: Normal Operation (POR) X0=1: Test Mode 2 Select (Note : Make sure to set X0=0 during application) X0=0: Internal oscillator (POR) X0=1: External oscillator. For internal oscillator place a resistor between OSC1 and OSC2. For external oscillator mode, feed clock input to OSC2. X0=0: oscillator Off (POR) X0=1: oscillator On. This is the master control for oscillator circuitry. This command should be issued after the "Set Internal / External Oscillator" command. Set GDDRAM Column Address. Use X6X5X4X3X2X1X0 as address bits.
0111101X0
Set Internal / External Oscillator
0111111X0
Set Oscillator On/Off
1X6X5X4X3X2X1X0
Set GDDRAM Column Address
Data Read / Write
To read data from the GDDRAM, input High to R/W pin and D/C pin in parallel mode or pull high at the 7th and 8th bit of the address in IIC serial mode or send Data Direction command 01001001 in SPI mode. Data is valid at the falling edge of CLK. And the GDDRAM column address pointer will be increased by one automatically. To write data to the GDDRAM, input Low to R/W pin and High to D/C pin in parallel mode or pull low 7th bit and high 8th bit of the address in IIC serial mode or send Data Direction command 01001000 in SPI mode. Data is latched at the falling edge of CLK. And the GDDRAM column address pointer will be increased by one automatically. If parallel interface is selected, End of command should be followed after all data are send out. No auto address pointer increment will be performed for the Dummy Write Data after Master Clear GDDRAM. (Refer to the "Commands Required for R/W Actions on RAM" Table)
Address Increment Table (Automatic)
D/C 0 0 1 1 R/W 0 1 0 1 Comment Write Command Read Command Write Data Read Data Address Increment No No (invalid mode) Yes Yes *1 *2 Remarks
Address Increment is done automatically data read write. The column address pointer of GDDRAM*3 is affected. Remarks : *1. Only data is read from RAM. *2. If write data is issued after Command Clear RAM, Address increase is not applied. *3. Column Address will wrap round when overflow.
Commands Required for R/W Actions on RAM
R/W Actions on RAMs Read/Write Data from/to GDDRAM. Commands Required Set GDDRAM Page Address Set GDDRAM Column Address Read/Write Data End of command Save/Restore GDDRAM Column Address End of command Set Clear Page GDDRAM (64 x 128 bits) Dummy Write Data Set GDDRAM Page Address to Page 9 Master Clear Icon RAM (128 bits, row 64) Dummy Write Data (0000X3X2X1X0)* (1X6X5X4X3X2X1X0)* (X7X6X5X4X3X2X1X0) (00111100) (0011010X0) (00111100) (00110110) (X7X6X5X4X3X2X1X0) (00001000) (00110111) (X7X6X5X4X3X2X1X0)
Save/Restore GDDRAM Column Address. Master Clear GDDRAM Master Clear Icon RAM
* No need to resend the command again if it is set previously. The read / write action to the Display Data RAM does not depend on the display mode. This means the user can change the RAM content whether the target RAM content is being displayed.
MOTOROLA
MC141800A 3-277
Display Output Description This is an example of output pattern on the LCD panel. Figure 10b and 10c are data map of GDDRAM and the output pattern on the LCD display with different command enabled.
COM0
Content of GDDRAM PAGE 1 Upper Nibble 5 A 5 A 5 A 5 A 5 A - - - - - - - - - 5 A 5 A 5 A 5 A 5 A Lower Nibble 5 A 5 A 5 A 5 A 5 A - - - - - - - - - 5 A 5 A 5 A 5 A 5 A PAGE 2 Upper Nibble 3 3 C C 3 3 C C 3 3 - - - - - - - - - C C 3 3 C C 3 3 C C Lower Nibble 3 3 C C 3 3 C C 3 3 - - - - - - - - - C C 3 3 C C 3 3 C C PAGE 3 Upper Nibble 0 0 0 0 F F F F 0 0 - - - - - - - - - F F 0 0 0 0 F F F F Lower Nibble F F F F 0 0 0 0 F F - - - - - - - - - 0 0 F F F F 0 0 0 0 PAGE 4 Upper Nibble F F F F F F F F 0 0 - - - - - - - - - F F 0 0 0 0 0 0 0 0 Lower Nibble F F F F F F F F 0 0 - - - - - - - - - F F 0 0 0 0 0 0 0 0 . . . . . . . . .
COM63 COM64 SEG0 SEG127
PAGE 9 Upper Nibble 0 0 0 0 0 0 0 0 0 0 - - - - - - - - - 0 0 0 0 0 0 0 0 0 0 Lower Nibble 0 0 0 1 1 1 0 0 0 0 - - - - - - - - - 0 0 0 0 1 1 1 0 0 0
Figure 10a
Figure 10b
Icon Line Column remap disable Row re-map disable Column remap enable Row re-map disable Column remap disable Row re-map enable
Figure 10c. Examples of LCD display with different command enabled
MC141800A 3-278
MOTOROLA
Power Up Sequence (Commands Required)
Command Required Set Display Frequency Set Oscillator Enable Set MUX Ratio Set Bias Ratio Set Internal DC/DC Converter Set Internal Regulator On Set Temperature Coefficient Set Internal Contrast Control On Set Contrast Level Set Smart Bias Divider On Set Segment Mapping Set Common Mapping Set Display On POR Status Normal Disable 65 MUX 1/9 bias 4X Converter Off TC=0% Off Contrast Level = 0 Off Seg. 0 = Col. 0 Com. 0 = Row 0 Off Remarks *1 *1 *1 *1 *1 *1 *1, *3 *1, *3 *1, *2, *3 *1
Remarks : *1 -- Required only if desired status differ from POR. *2 -- Effective only if Internal Contrast Control is enabled. *3 -- Effective only if Internal Regulator is enabled.
Smart Icon Mode Output Description There are two driving schemes of Smart Icon Mode for panel with different Von/Voff or VDD : 1) 4 - Phase Smart Icon : 1/4 ~ 3/4 Voff > VDD * sqrt (1/4) Von < VDD * sqrt (3/4) 2) 6 - Phase Smart Icon : 1/6 ~ 3/6 Voff > VDD * sqrt (1/6) Von < VDD * sqrt (3/6)
COM (non icon) COM64(icon) SEG(on) SEG(off)
DVDD DVSS DVDD DVSS DVDD DVSS DVDD DVSS
Figure 11a. LCD Driving Signal for 4 - Phase Smart Icon Mode
DVDD
COM (non icon) COM64(icon) SEG(on) SEG(off)
DVSS DVDD DVSS DVDD DVSS DVDD DVSS
Figure 11b. LCD Driving Signal for 6 - Phase Smart Icon Mode
MOTOROLA
MC141800A 3-279
Application Circuit:
All Internal Analog Circuitry disabled at IIC Serial mode operation
DVDD 0.1F
AVDD 0.1F
VCC
VDD CMOS MPU/MCU SCL SDA VDD
DVSS
DVDD
AVDD
AVSS
VLL2 VLL3
VLL4
VLL5
VLL6
VCC D1/A1 IIC Address
R
R
CLK D0/SDA RES D7/IIC/SPI S/P
MC141800A
D2/A2 COM0 to COM64
To LCD Panel
SEG0 to SEG127
OSC2 OSC1
2M
VF
VR
C3P C3N
C2P C2N C1P C1N
EPROM
R3
RAM
Remark : 1. R3 can be omitted for external oscillator. 2. RES should be at a known state. 3. VLL2 - VLL6 can be left open for internal divider is enable. 4. R/W, CE, D/C and D3-D6 can be open for IIC serial mode. 5. D1/A1 and D2/A2 should be at predefined state for device identification. tr 6. R is pull up resistance, R < (R = 300 ohm for 1MHz, assume Cbus = 200pF) 2 * Cbus 7. AVDD and DVDD should be at the same level. 8. The component values stated above are for reference only. Adjustment is needed for different applications.
MC141800A 3-280
MOTOROLA
IIC Serial mode operation with minimum external components
DVDD 0.1F
AVDD 0.1F
VCC
VDD CMOS MPU/MCU SCL SDA VDD
DVSS
DVDD
AVDD
AVSS
VLL2 VLL3
VLL4
VLL5
VLL6
VCC D1/A1 IIC Address
R
R
CLK D0/SDA RES D7/IIC/SPI S/P
MC141800A
D2/A2 COM0 to COM64
To LCD Panel
SEG0 to SEG127
OSC2 OSC1
VF
VR
C3P C3N
C2P C2N C1P C1N
EPROM
Ext Osc.
RAM
Remark : 1. RES should be at a known state. 2. R/W, CE, D/C and D3-D6 can be open for IIC serial mode. 3. D1/A1 and D2/A2 should be at predefined state for device identification. tr 4. R is pull up resistance, R < (R = 300 ohm for 1MHz, assume Cbus = 200pF) 2 * Cbus 5. AVDD and DVDD should be at the same level. 6. External high voltage and internal divider are used. 7. The component values stated above are for reference only. Adjustment is needed for different applications.
MOTOROLA
MC141800A 3-281
All Internal Analog Circuitry enabled at IIC Serial mode operation
DVDD 0.1F
AVDD 0.1F
0.1F
DVSS VDD CMOS MPU/MCU SCL SDA
DVDD
AVDD
AVSS
VCC
VLL2
VLL3
VLL4
VLL5
VLL6 D1/A1 D2/A2 IIC Address
R
R
CLK D0/SDA RES VDD D7/IIC/SPI SEG0 to SEG127
MC141800A
COM0 to COM64 To LCD Panel
S/P EPROM
OSC2 OSC1
2M
VF
2M 2M
0.1F
VR
C3P C3N
C2P C2N C1P C1N
R3
RAM
4.7F
0.1F
0.1F
0.1F
Remark : 1. R3 can be omitted for external oscillator. 2. VR and VF can be left open for Internal Regulator disable and Contrast Disable. 3. RES should be at a known state. 4. R/W, CE, D/C and D3-D6 can be open for IIC serial mode. 5. D1/A1 and D2/A2 should be at predefined state for device identification. tr 6. R is pull up resistance, R < (R = 300 ohm for 1MHz, assume Cbus = 200pF) 2 * Cbus 7.AVDD and DVDD should be at the same level. 8. The component values stated above are for reference only. Adjustment is needed for different applications.
MC141800A 3-282
MOTOROLA
All Internal Analog Circuitry disabled at SPI Serial mode operation
DVDD 0.1F
AVDD 0.1F
VCC
DVSS CMOS MPU/MCU RES CE CLK D3/Din D4/Dout D7/IIC/SPI S/P EPROM VDD
DVDD
AVDD
AVSS
VLL2 VLL3
VLL4
VLL5
VLL6
VCC
SCK MOSI MISO
COM0 to COM64
MC141800A
To LCD Panel
SEG0 to SEG127
OSC2 OSC1
2M
VF
VR
C3P C3N
C2P C2N C1P C1N
R3
RAM
Remark : 1. R3 can be omitted for external oscillator. 2. RES should be at a known state. 3. VLL2 - VLL6 can be left open for internal divider is enable. 4. R/W, D/C, D0-2 and D5-6 can be open for SPI serial mode. 5. AVDD and DVDD should be at the same level. 6. The component values stated above are for reference only. Adjustment is needed for different applications.
MOTOROLA
MC141800A 3-283
All Internal Analog Circuitry enabled at SPI Serial mode operation
DVDD 0.1F
AVDD 0.1F
0.1F
DVSS CMOS MPU/MCU RES CE CLK D3/Din D4/Dout D7/IIC/SPI S/P EPROM VDD
DVDD
AVDD
AVSS
VCC
VLL2
VLL3
VLL4
VLL5
VLL6
SCK MOSI MISO
COM0 to COM64
MC141800A
To LCD Panel
SEG0 to SEG127
OSC2 OSC1
2M
VF
2M 2M
0.1F
VR
C3P C3N
C2P C2N C1P C1N
R3
RAM
4.7F
0.1F
0.1F
0.1F
Remark : 1. R3 can be omitted for external oscillator. 2. VR and VF can be left open for Internal Regulator disable and Contrast Disable. 3. RES should be at a known state. 4. R/W, D/C, D0-2 and D5-6 can be open for SPI serial mode. 5. AVDD and DVDD should be at the same level. 6. The component values stated above are for reference only. Adjustment is needed for different applications.
MC141800A 3-284
MOTOROLA
All Internal Analog Circuitry disabled at Parallel mode operation
DVDD 0.1F
AVDD 0.1F
VCC
DVSS CMOS MPU/MCU with Parallel Interface RES CE D/C R/W CLK
DVDD
AVDD
AVSS
VLL2 VLL3
VLL4
VLL5
VLL6
VCC
COM0 to COM64
MC141800A
To LCD Panel
SEG0 to SEG127 D0 .. D7 S/P EPROM
OSC2 OSC1
2M
VF
VR
C3P C3N
C2P C2N C1P C1N
R3
RAM
Remark : 1. R3 can be omitted for external oscillator. 2. RES should be at a known state. 3. VLL2 - VLL6 can be left open for internal divider is enable. 4. AVDD and DVDD should be at the same level. 5. The component values stated above are for reference only. Adjustment is needed for different applications.
MOTOROLA
MC141800A 3-285
All Internal Analog Circuitry enabled at Parallel mode operation
DVDD 0.1F
AVDD 0.1F
0.1F DVSS CMOS MPU/MCU with Parallel Interface RES CE D/C R/W CLK
MC141800A
DVDD
AVDD
AVSS
VCC
VLL2
VLL3
VLL4
VLL5
VLL6
COM0 to COM64
To LCD Panel
SEG0 to SEG127 D0 .. D7 S/P EPROM
OSC2 OSC1
2M
VF
2M 2M
0.1F
VR
C3P C3N
C2P C2N C1P C1N
R3
RAM
4.7F
0.1F
0.1F
0.1F
Remark : 1. R3 can be omitted for external oscillator. 2. VR and VF can be left open for Internal Regulator disable and Contrast Disable. 3. RES should be at a known state. 4. AVDD and DVDD should be same level 5. The component values stated above are for reference only. Adjustment is needed for different applications.
MC141800A 3-286
MOTOROLA
Testing Condition:
DVDD 0.1F
AVDD 0.1F
0.1F DVSS RES CE D/C Tester R/W CLK
MC141800A
DVDD
AVDD
AVSS
VCC
VLL2
VLL3
VLL4
VLL5
VLL6
COM0 to COM64
No Load
SEG0 to SEG127
D0 .. D7 S/P
OSC2 OSC1
2.1M
VF
2M
VR
C3P C3N
C2P C2N C1P C1N
R3
470K
680pF
4.7F
0.1F
0.1F
0.1F
MOTOROLA
MC141800A 3-287
PACKAGE DIMENSIONS MC141800AT TAB PACKAGE DIMENSION - 1 (DO NOT SCALE THIS DRAWING)
COPPER SIDE
Reference : 98ASL00269A
Issue "0" released on 11 Feb 97
MC141800A 3-288
MOTOROLA
PACKAGE DIMENSIONS MC141800AT TAB PACKAGE DIMENSION - 2 (DO NOT SCALE THIS DRAWING)
Reference : 98ASL00269A
Issue "0" released on 11 Feb 97
MOTOROLA
MC141800A 3-289
Die Pad Coordinate of MC141800A
Pad Name 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 X(um) Y(um) Pad Name 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 C3P C3N VLL2: VLL2: VLL3: VLL3: VLL4: VLL4: VLL5: VLL5: VLL6: VLL6: DVSS: OSC1 DVSS: DVSS: VCC: VCC: AVSS: OSC2 AVDD: DVSS: DVSS: DVSS: DVSS: DVSS: DVSS: X(um) 1198.4 1304.4 1410.4 1516.4 1622.4 1728.4 1834.4 1940.4 2046.4 2152.4 2258.4 2364.4 2470.4 2576.4 2682.4 2788.4 2894.4 3000.4 3106.4 3212.4 3318.4 3493.0 3594.6 3696.2 3797.8 3899.4 4001.0 Y(um) -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -807.6 -806.2 -806.2 -806.2 -806.2 -806.2 -806.2 -806.2 -806.2 -807.6 -836.6 -760.6 -684.6 -608.6 -532.6 -456.6 -380.6 -304.6 -228.6 -152.6 -76.6 -0.6 75.4 151.4 227.4 303.4 379.4 455.4 531.4 607.4 683.4 759.4 835.4 Pad Name 121 SEG(0) 122 SEG(1) 123 SEG(2) 124 SEG(3) 125 SEG(4) 126 SEG(5) 127 SEG(6) 128 SEG(7) 129 SEG(8) 130 SEG(9) 131 SEG(10) 132 SEG(11) 133 SEG(12) 134 SEG(13) 135 SEG(14) 136 SEG(15) 137 SEG(16) 138 SEG(17) 139 SEG(18) 140 SEG(19) 141 SEG(20) 142 SEG(21) 143 SEG(22) 144 SEG(23) 145 SEG(24) 146 SEG(25) 147 SEG(26) 148 SEG(27) 149 SEG(28) 150 SEG(29) 151 SEG(30) 152 SEG(31) 153 SEG(32) 154 SEG(33) 155 SEG(34) 156 SEG(35) 157 SEG(36) 158 SEG(37) 159 SEG(38) 160 SEG(39) 161 SEG(40) 162 SEG(41) 163 SEG(42) 164 SEG(43) 165 SEG(44) 166 SEG(45) 167 SEG(46) 168 SEG(47) 169 SEG(48) 170 SEG(49) 171 SEG(50) 172 SEG(51) 173 SEG(52) 174 SEG(53) 175 SEG(54) 176 SEG(55) 177 SEG(56) 178 SEG(57) 179 SEG(58) 180 SEG(59) X(um) 4826.0 4750.0 4674.0 4598.0 4522.0 4446.0 4370.0 4294.0 4218.0 4142.0 4066.0 3990.0 3914.0 3838.0 3762.0 3686.0 3610.0 3534.0 3458.0 3382.0 3306.0 3230.0 3154.0 3078.0 3002.0 2926.0 2850.0 2774.0 2698.0 2622.0 2546.0 2470.0 2394.0 2318.0 2242.0 2166.0 2090.0 2014.0 1938.0 1862.0 1786.0 1710.0 1634.0 1558.0 1482.0 1406.0 1330.0 1254.0 1178.0 1102.0 1026.0 950.0 874.0 798.0 722.0 646.0 570.0 494.0 418.0 342.0 Y(um) 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 Pad Name 181 SEG(60) 182 SEG(61) 183 SEG(62) 184 SEG(63) 185 SEG(64) 186 SEG(65) 187 SEG(66) 188 SEG(67) 189 SEG(68) 190 SEG(69) 191 SEG(70) 192 SEG(71) 193 SEG(72) 194 SEG(73) 195 SEG(74) 196 SEG(75) 197 SEG(76) 198 SEG(77) 199 SEG(78) 200 SEG(79) 201 SEG(80) 202 SEG(81) 203 SEG(82) 204 SEG(83) 205 SEG(84) 206 SEG(85) 207 SEG(86) 208 SEG(87) 209 SEG(88) 210 SEG(89) 211 SEG(90) 212 SEG(91) 213 SEG(92) 214 SEG(93) 215 SEG(94) 216 SEG(95) 217 SEG(96) 218 SEG(97) 219 SEG(98) 220 SEG(99) X(um) 266.0 190.0 114.0 38.0 -38.0 -114.0 -190.0 -266.0 -342.0 -418.0 -494.0 -570.0 -646.0 -722.0 -798.0 -874.0 -950.0 Y(um) 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 807.6 Pad Name X(um) Y(um) COM(22) -4826.0 -807.6 COM(23) -4750.0 -807.6 COM(24) -4674.4 -811.8 COM(25) -4598.0 -807.6 COM(26) -4522.0 -807.6 COM(27) -4446.0 -807.6 COM(28) -4370.0 -807.6 COM(29) -4294.0 -807.6 COM(30) -4218.0 -807.6 COM(31) -4142.0 -807.6 DVDD: S/P RES D/C DVSS: DVSS: DVSS: DVSS: DVSS: DVSS: DVSS: DVSS: DVSS: DVSS: DVSS: DVSS: DVSS: DVSS: DVSS: DVSS: DVSS: DVSS: DVSS: R/W D7 D6 D5 D4 D3 D2 D1 D0 D0 CLK CLK CE DVDD: DVDD: DVSS: DVSS: AVDD: AVDD: AVSS: AVSS: VF VR C1P C1N C2P C2N Note : -4042.2 -857.8 -3940.6 -857.8 -3839.0 -857.8 -3737.4 -857.8 -3569.0 -857.8 -3467.4 -857.8 -3365.8 -857.8 -3264.2 -857.8 -3162.6 -857.8 -3061.0 -857.8 -2959.4 -857.8 -2857.8 -857.8 -2756.2 -857.8 -2654.6 -857.8 -2553.0 -857.8 -2451.4 -857.8 -2349.8 -857.8 -2248.2 -857.8 -2146.6 -857.8 -2045.0 -857.8 -1943.4 -857.8 -1841.8 -857.8 -1740.2 -857.8 -1638.6 -857.8 -1537.0 -857.8 -1435.4 -857.8 -1333.8 -857.8 -1232.2 -857.8 -1130.6 -857.8 -1029.0 -857.8 -927.4 -825.8 -724.2 -622.6 -521.0 -419.6 -317.8 -216.2 -114.6 -13.0 138.4 244.4 350.4 456.4 562.4 668.4 774.4 880.4 986.4 1092.4 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 -857.8 241 SEG(120) -4294.0 807.6 242 SEG(121) -4370.0 807.6 243 SEG(122) -4446.0 807.6 244 SEG(123) -4522.0 807.6 245 SEG(124) -4598.0 807.6 246 SEG(125) -4674.0 807.6 247 SEG(126) -4750.0 807.6 248 SEG(127) -4826.0 807.6 249 COM64B 250 COM(0) 251 COM(1) 252 COM(2) 253 COM(3) 254 COM(4) 255 COM(5) 256 COM(6) 257 COM(7) 258 COM(8) 259 COM(9) 260 COM(10) 261 COM(11) 262 COM(12) 263 COM(13) 264 COM(14) 265 COM(15) 266 COM(16) 267 COM(17) 268 COM(18) 269 COM(19) 270 COM(20) 271 COM(21) -5328.4 835.4 -5328.4 759.4 -5328.4 683.4 -5328.4 607.4 -5328.4 531.4 -5328.4 455.4 -5328.4 379.4 -5328.4 303.4 -5328.4 227.4 -5328.4 151.4 -5328.4 75.4 -5328.4 -0.6 -5328.4 -76.6 -5328.4 -152.6 -5328.4 -228.6 -5328.4 -304.6 -5328.4 -380.6 -5328.4 -456.6 -5328.4 -532.6 -5328.4 -608.6 -5328.4 -684.6 -5328.4 -760.6 -5328.4 -836.6
-1026.0 807.6 -1102.0 807.6 -1178.0 807.6 -1254.0 807.6 -1330.0 807.6 -1406.0 807.6 -1482.0 807.6 -1558.0 807.6 -1634.0 807.6 -1710.0 807.6 -1786.0 807.6 -1862.0 807.6 -1938.0 807.6 -2014.0 807.6 -2090.0 807.6 -2166.0 807.6 -2242.0 807.6 -2318.0 807.6 -2394.0 807.6 -2470.0 807.6 -2546.0 807.6 -2622.0 807.6 -2698.0 807.6
COM64A 4142.0 COM(63) 4217.0 COM(62) 4293.0 COM(61) 4369.0 COM(60) 4445.0 COM(59) 4521.0 COM(58) 4597.0 COM(57) 4673.0 COM(56) 4749.0 COM(55) 4826.0 COM(54) 5328.4 COM(53) 5328.4
100 COM(52) 5328.4 101 COM(51) 5328.4 102 COM(50) 5328.4 103 COM(49) 5328.4 104 COM(48) 5328.4 105 COM(47) 5328.4 106 COM(46) 5328.4 107 COM(45) 5328.4 108 COM(44) 5328.4 109 COM(43) 5328.4 110 COM(42) 5328.4 111 COM(41) 5328.4 112 COM(40) 5328.4 113 COM(39) 5328.4 114 COM(38) 5328.4 115 COM(37) 5328.4 116 COM(36) 5328.4 117 COM(35) 5328.4 118 COM(34) 5328.4 119 COM(33) 5328.4 120 COM(32) 5328.4
221 SEG(100) -2774.0 807.6 222 SEG(101) -2850.0 807.6 223 SEG(102) -2926.0 807.6 224 SEG(103) -3002.0 807.6 225 SEG(104) -3078.0 807.6 226 SEG(105) -3154.0 807.6 227 SEG(106) -3230.0 807.6 228 SEG(107) -3306.0 807.6 229 SEG(108) -3382.0 807.6 230 SEG(109) -3458.0 807.6 231 SEG(110) -3534.0 807.6 232 SEG(111) -3610.0 807.6 233 SEG(112) -3686.0 807.6 234 SEG(113) -3762.0 807.6 235 SEG(114) -3838.0 807.6 236 SEG(115) -3914.0 807.6 237 SEG(116) -3990.0 807.6 238 SEG(117) -4066.0 807.6 239 SEG(118) -4142.0 807.6 240 SEG(119) -4218.0 807.6
*Power and ground die pads should be bonded correspondingly in COG application Die Pad 15 - 33, 43, 45, 47 -54, 64, 66, 68, 70, 72 - 73, 76, 78 and 82 - 87 are multiple pads of critical signal (Basically, these are D0, CLK, DVDD, DVSS, AVDD, AVSS, VCC and VLL2-VLL6 which special design for COG) Bump Size : Pad 1-10 11-87 88-97 98-120 121-248 249-271 X(um) 49 77 49 107 49 107 Y(um) 107 77 107 49 107 49 Die Size (including scribe) : 11226.8 x 2286 (um)
MC141800A 3-290
MOTOROLA


▲Up To Search▲   

 
Price & Availability of MC141800A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X